データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECUS72 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECUS72
部品情報  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS72 データシート(HTML) 3 Page - Texas Instruments

  OMAP3530ECUS72 Datasheet HTML 1Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 2Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 3Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 4Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 5Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 6Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 7Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 8Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
• 65-nm CMOS Technologies
.65-mm Ball Pitch (Top), .5-mm Ball Pitch
(Bottom)
• Package-On-Package (POP) Implementation for
Memory Stacking (Not Available in CUS
– 423-pin s-PBGA Package (CUS Suffix),
Package)
.65-mm Ball Pitch
• Discrete Memory Interface (Not Available in
• 1.8-V I/O and 3.0-V (MMC1 Only),
CBC Package)
0.985-V to 1.35-V Adaptive Processor Core
Voltage
• Packages:
0.985-V to 1.35-V Adaptive Core Logic Voltage
– 515-pin s-PBGA Package (CBB Suffix),
Note: These are default Operating Performance
.5-mm Ball Pitch (Top), .4-mm Ball Pitch
Point (OPP) voltages and could be optimized to
(Bottom)
lower values using SmartReflex AVS.
– 515-pin s-PBGA Package (CBC Suffix),
1.2
Applications
•
Portable Navigation Devices
•
Portable Media Player
•
Digital Video Camera
•
Portable Data Collection
•
Point-of-Sale Devices
•
Gaming
•
Web Tablet
•
Smart White Goods
•
Smart Home Controllers
Copyright © 2008–2013, Texas Instruments Incorporated
OMAP3530 and OMAP3525 Applications Processors
3
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525