| データシートサーチシステム |
|
TNETV3525INECBB データシート(PDF) 155 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV3525INECBB データシート(HTML) 155 Page - Texas Instruments |
|
155 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 6.3 Timing Parameters The timing parameter symbols used in the timing requirement and switching characteristic tables are created in accordance with JEDEC Standard 100. To shorten the symbols, some pin names and other related terminologies have been abbreviated as follows: Table 6-1. Timing Parameters LOWERCASE SUBSCRIPTS Symbols Parameter c Cycle time (period) d Delay time dis Disable time en Enable time h Hold time su Setup time START Start bit t Transition time v Valid time w Pulse duration (width) X Unknown, changing, or don’t care level H High L Low V Valid IV Invalid AE Active Edge FE First Edge LE Last Edge Z High impedance Copyright © 2008–2013, Texas Instruments Incorporated TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 155 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |