データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETV3525INECBB データシート(PDF) 44 Page - Texas Instruments

部品番号 TNETV3525INECBB
部品情報  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV3525INECBB データシート(HTML) 44 Page - Texas Instruments

Back Button TNETV3525INECBB Datasheet HTML 40Page - Texas Instruments TNETV3525INECBB Datasheet HTML 41Page - Texas Instruments TNETV3525INECBB Datasheet HTML 42Page - Texas Instruments TNETV3525INECBB Datasheet HTML 43Page - Texas Instruments TNETV3525INECBB Datasheet HTML 44Page - Texas Instruments TNETV3525INECBB Datasheet HTML 45Page - Texas Instruments TNETV3525INECBB Datasheet HTML 46Page - Texas Instruments TNETV3525INECBB Datasheet HTML 47Page - Texas Instruments TNETV3525INECBB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
hsusb1_
3
IO
data7
gpio_17
4
IO
hsusb1_tll_
6
IO
data7
AE11
NA
etk_d4
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_dr
1
I
mmc3_dat0
2
IO
hsusb1_
3
IO
data4
gpio_18
4
IO
hsusb1_tll_
6
IO
data4
AH9
NA
etk_d5
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_fsx
1
IO
mmc3_dat1
2
IO
hsusb1_
3
IO
data5
gpio_19
4
IO
hsusb1_tll_
6
IO
data5
AF13
NA
etk_d6
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_dx
1
IO
mmc3_dat2
2
IO
hsusb1_
3
IO
data6
gpio_20
4
IO
hsusb1_tll_
6
IO
data6
AH14
NA
etk_d7
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_cs1
1
O
mmc3_dat7
2
IO
hsusb1_
3
IO
data3
gpio_21
4
IO
mm1_txen_n 5
IO
hsusb1_tll_
6
IO
data3
AF9
NA
etk_d8
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
sys_drm_
1
I
msecure
mmc3_dat6
2
IO
hsusb1_dir
3
I
gpio_22
4
IO
hsusb1_tll_di 6
O
r
AG9
NA
etk_d9
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
sys_secure_i 1
O
ndic ator
mmc3_dat5
2
IO
hsusb1_nxt
3
I
gpio_23
4
IO
mm1_rxdm
5
IO
hsusb1_tll_n 6
O
xt
AE7
NA
etk_d10
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
uart1_rx
2
I
hsusb2_clk
3
O
gpio_24
4
IO
44
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More