| データシートサーチシステム |
|
NSC800N データシート(PDF) 41 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSC800N データシート(HTML) 41 Page - National Semiconductor (TI) |
|
41 / 76 page ![]() 126 8-Bit Arithmetic (Continued) 76543210 10010110 SUB (HL) Timing M cycles2 T states7 (4 3) Addressing Mode SourceRegister Indirect DestinationImplied 76 5 43210 SUB (IX a d) (for NXe0) 11NX 11101 SUB (IY a d) (for NXe1) 10 0 10110 d Timing M cycles5 T states19 (4 4 3 5 3) Addressing Mode SourceIndexed DestinationImplied SBC A m1 Subtract with carry the contents of memory location m1 from the Accumulator A w A b m1 b CY S Set if result is negative Z Set if result is zero H Set if carry from bit 3 PV Set if result exceeds 8-bit 2’s complement range N Set C Set according to borrow condition 76543210 10011110 SBC A (HL) Timing M cycles2 T states7 (4 3) Addressing Mode SourceRegister Indirect DestinationImplied 76 5 43210 SBC A (IX a d) (for NXe0) 11NX 11101 SBC A (IY a d) (for NXe1) 10 0 11110 d Timing M cycles5 T states19 (4 4 3 5 3) Addressing Mode SourceIndexed DestinationImplied AND m1 The data in memory location m1 is logically AND’ed to the Accumulator A w A m1 S Set if result is negative Z Set if result is zero H Set PV Set if result parity is even N Reset C Reset 76543210 10100110 AND (HL) Timing M cycles2 T states7 (4 3) Addressing Mode SourceRegister Indirect DestinationImplied 76 5 43210 AND (IX a d) (for NXe0) 11NX 11101 AND (IY a d) (for NXe1) 10 1 00110 d Timing M cycles5 T states19 (4 4 3 5 3) Addressing Mode SourceIndexed DestinationImplied OR m1 The data in memory location m1 is logically OR’ed with the Accumulator A w A m1 S Set if result is negative Z Set if result is zero H Reset PV Set if result parity is even N Reset C Reset 76543210 10110110 OR (HL) Timing M cycles2 T states7 (4 3) Addressing Mode SourceRegister Indexed DestinationImplied 76 5 43210 OR (IX a d) (for NXe0) 11NX 11101 OR (IY a d) (for NXe1) 10 1 10110 d Timing M cycles5 T states19 (4 4 3 5 3) Addressing Mode SourceIndexed DestinationImplied 41 |