データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPSC5H12D データシート(PDF) 8 Page - STMicroelectronics

部品番号 STPSC5H12D
部品情報  1200 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC5H12D データシート(HTML) 8 Page - STMicroelectronics

Back Button STPSC5H12D Datasheet HTML 2Page - STMicroelectronics STPSC5H12D Datasheet HTML 3Page - STMicroelectronics STPSC5H12D Datasheet HTML 4Page - STMicroelectronics STPSC5H12D Datasheet HTML 5Page - STMicroelectronics STPSC5H12D Datasheet HTML 6Page - STMicroelectronics STPSC5H12D Datasheet HTML 7Page - STMicroelectronics STPSC5H12D Datasheet HTML 8Page - STMicroelectronics STPSC5H12D Datasheet HTML 9Page - STMicroelectronics STPSC5H12D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
STPSC5H12
8/10
DocID030272 Rev 1
Table 7: DPAK HV 2L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.16
2.29
2.40
0.085
0.090
0.094
A1
0.06
0.08
0.13
0.002
0.003
0.005
b
0.71
0.76
1.07
0.028
0.029
0.030
b3
5.004
5.10
5.21
0.197
0.201
0.205
c
0.46
0.51
0.56
0.018
0.020
0.025
c2
0.76
0.81
0.86
0.029
0.032
0.034
D
5.97
6.10
6.22
0.235
0.240
0.245
D1
5.84 REF
0.230 REF
E
6.48
6.60
6.73
0.255
0.260
0.265
E1
4.95
5.08
5.21
0.195
0.200
0.205
e
2.29 REF
0.90 REF
H
9.70
9.83
10.08
0.382
0.387
0.397
L
1.02
1.14
1.40
0.040
0.045
0.055
L3
1.14
0.045
L4(1)
0.000
0.15
0.000
0.006
M
7°
7°
P
5°
5°
Notes:
(1)Maximum plastic protrusion
Figure 11: Footprint (dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10