データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPTIC-47G2 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STPTIC-47G2
部品情報  Low leakage current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-47G2 データシート(HTML) 5 Page - STMicroelectronics

  STPTIC-47G2 Datasheet HTML 1Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 2Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID028154 Rev 1
5/11
STPTIC-47G2
Package information
11
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
Flip-Chip package information
Figure 7. Flip-Chip package outline
The land pattern below is recommended for soldering the STPTIC-G2 on PCB.
NC stands for No Connect, this pad must not be connected on application board. Please
leave this pad floating.
Table 4. Flip-Chip package dimensions
Dimensions (micron)
A1
A2
B1
B2
B4
C1
C2
D1
D2
D3
E1
E2
STPTIC-15/27/33/39/47G2
640
590
120
400
120
85
420
200
90
290
125
165
STPTIC-56G2
710
190
STPTIC-68G2
780
260
STPTIC-82G2
880
360
Tolerance
±30
±30
±15
±10
±15
±15
±10
±20
±20
±40
±20
±20



Html Pages

1 2 3 4 5 6 7 8 9 10 11