データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STS8N6LF6AG データシート(PDF) 9 Page - STMicroelectronics

部品番号 STS8N6LF6AG
部品情報  Switching applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8N6LF6AG データシート(HTML) 9 Page - STMicroelectronics

Back Button STS8N6LF6AG Datasheet HTML 5Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 6Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 7Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 8Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 9Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 10Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 11Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 12Page - STMicroelectronics STS8N6LF6AG Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STS8N6LF6AG
Package information
DocID030126 Rev 1
9/13
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
SO-8 package information
Figure 19: SO-8 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13