データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH110-Y データシート(PDF) 5 Page - STMicroelectronics

部品番号 STTH110-Y
部品情報  Negligible switching losses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH110-Y データシート(HTML) 5 Page - STMicroelectronics

  STTH110-Y Datasheet HTML 1Page - STMicroelectronics STTH110-Y Datasheet HTML 2Page - STMicroelectronics STTH110-Y Datasheet HTML 3Page - STMicroelectronics STTH110-Y Datasheet HTML 4Page - STMicroelectronics STTH110-Y Datasheet HTML 5Page - STMicroelectronics STTH110-Y Datasheet HTML 6Page - STMicroelectronics STTH110-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DocID025634 Rev 1
5/7
STTH110-Y
Package information
7
Figure 8. SMBflat footprint, dimensions in mm (inches)
Table 6. SMBflat dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
1.30
0.156
E
5.10
5.60
0.200
0.220
E1
4.05
4.60
0.189
0.181
L
0.75
1.50
0.029
0.059
L1
0.40
0.016
L2
0.60
0.024
1.20
(0.047)
1.20
(0.047)
3.44
(0.136)
5.84
(0.230)
2.07
(0.082)



Html Pages

1 2 3 4 5 6 7