データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7706 データシート(PDF) 11 Page - STMicroelectronics

部品番号 TDA7706
部品情報  Highly integrated tuner for AM/FM car-radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7706 データシート(HTML) 11 Page - STMicroelectronics

Back Button TDA7706 Datasheet HTML 7Page - STMicroelectronics TDA7706 Datasheet HTML 8Page - STMicroelectronics TDA7706 Datasheet HTML 9Page - STMicroelectronics TDA7706 Datasheet HTML 10Page - STMicroelectronics TDA7706 Datasheet HTML 11Page - STMicroelectronics TDA7706 Datasheet HTML 12Page - STMicroelectronics TDA7706 Datasheet HTML 13Page - STMicroelectronics TDA7706 Datasheet HTML 14Page - STMicroelectronics TDA7706 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TDA7706
Function description
Doc ID 022898 Rev 3
11/16
Figure 3.
Crystal oscillator block diagram
2.11
DSP
The TDA7706 embeds two DSP cores for high computational power and achievable
customization. The first DSP and its hardware accelerators take care of all the tuner digital
signal processing. The main program is fixed in ROM. Control parameters are copied to
RAM and they are accessible and modifiable there, thus allowing a parametric performance
optimization. The first DSP core performs:
●
digital down-conversion of IF
●
bandwidth selection with variable controlled bandwidth
●
FM and AM noise blanking
●
FM/AM demodulation with soft-mute, high-cut, weak signal processing and quality
detection
●
FM stereo decoding with stereo-blend
●
RDS demodulation including error correction and block synchronization with generation
of an RDS interrupt for the main µP
●
Autonomous control of RDS-AF tests
●
Self-alignment of pre-selection tuning
The second DSP is totally free for custom processing implementation. The second
(customizable DSP) can interact with the main DSP by tapping the signal at the access
points as shown in the Figure 4 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16