| データシートサーチシステム |
|
PC8477B データシート(PDF) 49 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC8477B データシート(HTML) 49 Page - National Semiconductor (TI) |
|
49 / 54 page ![]() 70 Reference Section (Continued) TABLE 7-1 8477B – 82077AA Parameter Comparison (Continued) Description PC8477B 82077AA 82077SL Units AC Timings (Continued) t35 (tDST)–DIR Setup to STEP Active MIN 6 4 4 m s t36 (tSTD)–DIR Hold from STEP Inactive MIN tSRT 10 10 m s t37 (tSTP)–STEP Active Pulse Width 8 25 25 m s t39 (tIW)–Index Pulse Widh MIN 1 Mbs 100 625 625 ns 500 kbs 100 1250 1250 ns 300 kbs 100 2100 2100 ns 250 kbs 100 2500 2500 ns t41 (tHDH)–HDSEL Hold from WGATE Inactive MIN 1 Mbs 750 716 716 m s 500 kbs 750 1432 1432 m s 300 kbs 750 2719 2719 m s 250 kbs 750 2864 2864 m s tHDS–HDSEL Setup to WGATE Active 100 no spec no spec m s These timings are required to support perpendicular recording drives 49 |