| データシートサーチシステム |
|
PIC18F2331 データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2331 データシート(HTML) 13 Page - Microchip Technology |
|
13 / 396 page ![]() 2003 Microchip Technology Inc. Preliminary DS39616B-page 11 PIC18F2331/2431/4331/4431 FIGURE 1-2: PIC18F4331/4431 BLOCK DIAGRAM Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control OSC1/CLKI OSC2/CLKO MCLR/VPP VDD, VSS PORTA PORTB PORTC RA4/AN4/CAP3/QEB RA5/AN5/LVDIN RB0/PWM0 RB5/KBI1/PWM4/PGM(4) RC0/T1OSO/T1CKI RC1/T1OSI/CCP2/FLTA(2) RC2/CCP1/FLTB RC4/INT1/SDI/SDA(3) RC5/INT2/SCK/SCL(3) RC6/TX/CK/SS RC7/RX/DT/SDO* Brown-out Reset Note 1: RE3 is available only when MCLR is disabled. 2: RD4 is the alternate pin for FLTA. 3: RC3, RC4 and RC5 are alternate pins for T0CKI/T5CKI, SDI/SDA, SCK/SCL respectively. 4: RD5 is the alternate pin for PWM4. EUSART Data EE Synchronous Timer0 Timer1 Timer2 Serial Port RA3/AN3/VREF+/CAP2/QEA RA2/AN2/VREF-/CAP1/INDX RA1/AN1 RA0/AN0 Timing Generation 4X PLL HS 10-bit ADC RB1/PWM1 Data Latch Data RAM (768 bytes) Address Latch Address<12> 12 Bank0, F BSR FSR0 FSR1 FSR2 inc/dec logic Decode 4 12 4 PCH PCL PCLATH 8 31 Level Stack Program Counter PRODL PRODH 8 x 8 Multiply W 8 BITOP 8 8 ALU<8> 8 Address Latch Program Memory Data Latch 20 21 21 16 8 8 8 Table Pointer<21> inc/dec logic 21 8 Data Bus<8> TABLELATCH 8 IR 12 3 ROMLATCH Timer5 PORTE RE0/AN6 RE1/AN7 RE2/AN8 CCP1 RB2/PWM2 RB3/PWM3 T1OSI T1OSO PCLATU PCU OSC2/CLKO/RA6 Precision Reference Band Gap RB4/KBI0/PWM5 RB6/KBI2/PGC RB7/KBI3/PGD RC3/T0CKI/T5CKI/INT0(3) CCP2 MCLR/VPP/RE3(1) OSC1/CLKI/RA7 Power INTRC OSC AVDD, AVSS Mode Logic Managed PORTD RD0/IT0CKI/T5CKI RD1/SDO RD2/SDI/SDA RD3/SCK/SCL RD4/FLTA(2) RD5/PWM4(4) RD6/PWM6 RD7/PWM7 PCPWM MFM |