データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF10N95K5 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STF10N95K5
部品情報  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10N95K5 データシート(HTML) 11 Page - STMicroelectronics

Back Button STF10N95K5 Datasheet HTML 7Page - STMicroelectronics STF10N95K5 Datasheet HTML 8Page - STMicroelectronics STF10N95K5 Datasheet HTML 9Page - STMicroelectronics STF10N95K5 Datasheet HTML 10Page - STMicroelectronics STF10N95K5 Datasheet HTML 11Page - STMicroelectronics STF10N95K5 Datasheet HTML 12Page - STMicroelectronics STF10N95K5 Datasheet HTML 13Page - STMicroelectronics STF10N95K5 Datasheet HTML 14Page - STMicroelectronics STF10N95K5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DocID024850 Rev 3
11/22
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
Package mechanical data
22
Figure 25. D²PAK (TO-263) drawing
Table 9. D²PAK (TO-263) mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
A1
0.03
0.23
b0.70
0.93
b2
1.14
1.70
c0.45
0.60
c2
1.23
1.36
D8.95
9.35
D1
7.50
E
10
10.40
E1
8.50
e2.54
e1
4.88
5.28
H
15
15.85
0079457_T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22