| データシートサーチシステム |
|
STB13N60M2 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STB13N60M2 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 23 page ![]() September 2016 DocID024569 Rev 4 1/23 This is information on a product in full production. www.st.com STB13N60M2, STD13N60M2 N- channel 600 V, 0.35 Ω typ., 11 A MDmesh™ M2 Power MOSFETs in D2PAK and DPAK packages Datasheet - production data Figure 1: Internal schematic diagram Features Order code VDS@TJMAX. RDS(on) max. ID STB13N60M2 650 V 0.38 Ω 11 A STD13N60M2 Extremely low gate charge Excellent output capacitance (COSS) profile 100% avalanche tested Zener-protected Applications Switching applications Description These devices are N-channel Power MOSFETs developed using MDmesh™ M2 technology. Thanks to their strip layout and improved vertical structure, these devices exhibit low on-resistance and optimized switching characteristics, rendering them suitable for the most demanding high efficiency converters. Table 1: Device summary Order code Marking Package Packing STB13N60M2 13N60M2 D2PAK Tape and reel STD13N60M2 DPAK D(2, TAB) G(1) S(3) AM01476v1_tab |
同様の部品番号 - STB13N60M2 |
|
同様の説明 - STB13N60M2 |