| データシートサーチシステム |
|
ST-32EB データシート(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
ST-32EB データシート(HTML) 1 Page - Copal Electronics |
|
1 / 6 page ![]() ※Please refer to the LIST OF PART NUMBERS when placing orders. ST-32 SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN) Part name 1 2 3 4 5 6 7 8 9 Rotor Terminal pin Wiper Base element “O” ring Cover Housing Material Flammability — UL94V-0 — UL94HB UL94V-0 — Ag-Pd cermet RuO2 cermet Stainless steel (SUS 304) Epoxy Copper alloy, Sn-Cu-plated Ceramic Silicone rubber Polyphenylenesulphide Electrode Resistive element Multi metal alloy ■ FEATURES RoHS compliant Rotor with a cross slot for ease of adjustment Leaded terminals provide strong as adhesive strength against P.C.B. bending J-hook, Gull wing and leaded terminal configurations Sealed (Washable: Refer to page 750.) ■ PART NUMBER DESIGNATION S T - 3 2 E T A 1 0 0 Ω ( 1 2 ) Series name Terminal pin E :Sn-Cu (Lead-free) Form of packaging T :Taping (Reel) Blank :Bulk in plastic bag Resistance code Resistance value Product shape (Shape of terminal) A, G:J-hook B, H:Gull wing INTERNAL STRUCTURE 2 3 4 9 8 5 6 7 1 RoHS compliant |
同様の部品番号 - ST-32EB |
|
同様の説明 - ST-32EB |