| データシートサーチシステム |
|
HAL805 データシート(PDF) 17 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL805 データシート(HTML) 17 Page - Micronas |
|
17 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 17 4. Operation Mode 0 Emulation of the Programmer Board V 4.1: HAL805, HAL815, HAL817, HAL810, and HAL1000 This operation mode is the default mode. It is invoked after power-on or pushing the reset button. Alternatively, this operation mode can be set by sending the “j0” com- mand. Communication: PC prog. board Section 4.1 and Section 4.2 contain a detailed description of communication between the PC and the programmer board V 5.1. In particular, all board commands available in the operation mode “j0” are listed. Communication: prog. board sensor The communication between the programmer board and the Hall sensor is described in Section 4.3 Data formats The data formats for communication between both the PC and the board, and the board and the sensor are summarized in Section 4.4 Programming procedure Finally, Section 4.5 depicts the programming procedure and gives an example of a complete programming sequence. |