| データシートサーチシステム |
|
STW28N65M2 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW28N65M2 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 22 page ![]() DocID027256 Rev 1 9/22 STB28N65M2, STF28N65M2, STP28N65M2, STW28N65M2 Test circuits 22 3 Test circuits Figure 18. Switching times test circuit for resistive load Figure 19. Gate charge test circuit Figure 20. Test circuit for inductive load switching and diode recovery times Figure 21. Unclamped inductive load test circuit Figure 22. Unclamped inductive waveform Figure 23. Switching time waveform AM01468v1 VGS PW VD RG RL D.U.T. 2200 μF 3.3 μF VDD AM01469v1 VDD 47k Ω 1k Ω 47k Ω 2.7k Ω 1k Ω 12V Vi=20V=VGMAX 2200 μF PW IG=CONST 100 Ω 100nF D.U.T. VG AM01470v1 A D D.U.T. S B G 25 Ω A A B B RG G FAST DIODE D S L=100 μH μF 3.3 1000 μF VDD AM01471v1 Vi Pw VD ID D.U.T. L 2200 μF 3.3 μF VDD AM01473v1 VDS ton tdon tdoff toff tf tr 90% 10% 10% 0 0 90% 90% 10% VGS |