データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP9N60M2 データシート(PDF) 14 Page - STMicroelectronics

部品番号 STP9N60M2
部品情報  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9N60M2 データシート(HTML) 14 Page - STMicroelectronics

Back Button STP9N60M2 Datasheet HTML 10Page - STMicroelectronics STP9N60M2 Datasheet HTML 11Page - STMicroelectronics STP9N60M2 Datasheet HTML 12Page - STMicroelectronics STP9N60M2 Datasheet HTML 13Page - STMicroelectronics STP9N60M2 Datasheet HTML 14Page - STMicroelectronics STP9N60M2 Datasheet HTML 15Page - STMicroelectronics STP9N60M2 Datasheet HTML 16Page - STMicroelectronics STP9N60M2 Datasheet HTML 17Page - STMicroelectronics STP9N60M2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Package mechanical data
STD9N60M2, STP9N60M2, STU9N60M2
14/21
DocID024399 Rev 2
Table 10.
TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
P3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21