データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF9N65M2 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STF9N65M2
部品情報  Extremely low gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9N65M2 データシート(HTML) 10 Page - STMicroelectronics

Back Button STF9N65M2 Datasheet HTML 6Page - STMicroelectronics STF9N65M2 Datasheet HTML 7Page - STMicroelectronics STF9N65M2 Datasheet HTML 8Page - STMicroelectronics STF9N65M2 Datasheet HTML 9Page - STMicroelectronics STF9N65M2 Datasheet HTML 10Page - STMicroelectronics STF9N65M2 Datasheet HTML 11Page - STMicroelectronics STF9N65M2 Datasheet HTML 12Page - STMicroelectronics STF9N65M2 Datasheet HTML 13Page - STMicroelectronics STF9N65M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Package mechanical data
STD9N65M2, STF9N65M2, STP9N65M2, STU9N65M2
10/23
DocID025975 Rev 2
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23