データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD13N60DM2 データシート(PDF) 9 Page - STMicroelectronics

部品番号 STD13N60DM2
部品情報  Fast-recovery body diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N60DM2 データシート(HTML) 9 Page - STMicroelectronics

Back Button STD13N60DM2 Datasheet HTML 5Page - STMicroelectronics STD13N60DM2 Datasheet HTML 6Page - STMicroelectronics STD13N60DM2 Datasheet HTML 7Page - STMicroelectronics STD13N60DM2 Datasheet HTML 8Page - STMicroelectronics STD13N60DM2 Datasheet HTML 9Page - STMicroelectronics STD13N60DM2 Datasheet HTML 10Page - STMicroelectronics STD13N60DM2 Datasheet HTML 11Page - STMicroelectronics STD13N60DM2 Datasheet HTML 12Page - STMicroelectronics STD13N60DM2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STD13N60DM2
Package information
DocID029209 Rev 2
9/16
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16