データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD16N50M2 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STD16N50M2
部品情報  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16N50M2 データシート(HTML) 19 Page - STMicroelectronics

Back Button STD16N50M2 Datasheet HTML 13Page - STMicroelectronics STD16N50M2 Datasheet HTML 14Page - STMicroelectronics STD16N50M2 Datasheet HTML 15Page - STMicroelectronics STD16N50M2 Datasheet HTML 16Page - STMicroelectronics STD16N50M2 Datasheet HTML 17Page - STMicroelectronics STD16N50M2 Datasheet HTML 18Page - STMicroelectronics STD16N50M2 Datasheet HTML 19Page - STMicroelectronics STD16N50M2 Datasheet HTML 20Page - STMicroelectronics STD16N50M2 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
STD16N50M2, STF16N50M2, STP16N50M2
Package mechanical data
DocID026641 Rev 5
19/21
Table 12: TO-220 type A package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.55
c
0.48
0.70
D
15.25
15.75
D1
1.27
E
10.00
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L
13.00
14.00
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21