データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD80N10F7 データシート(PDF) 20 Page - STMicroelectronics

部品番号 STD80N10F7
部品情報  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD80N10F7 データシート(HTML) 20 Page - STMicroelectronics

Back Button STD80N10F7 Datasheet HTML 16Page - STMicroelectronics STD80N10F7 Datasheet HTML 17Page - STMicroelectronics STD80N10F7 Datasheet HTML 18Page - STMicroelectronics STD80N10F7 Datasheet HTML 19Page - STMicroelectronics STD80N10F7 Datasheet HTML 20Page - STMicroelectronics STD80N10F7 Datasheet HTML 21Page - STMicroelectronics STD80N10F7 Datasheet HTML 22Page - STMicroelectronics STD80N10F7 Datasheet HTML 23Page - STMicroelectronics STD80N10F7 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package mechanical data
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
20/25
DocID025865 Rev 1
Table 11. TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅
P3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25