| データシートサーチシステム |
|
PC87200 データシート(PDF) 22 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87200 データシート(HTML) 22 Page - National Semiconductor (TI) |
|
22 / 33 page ![]() 22 www.national.com 8.0 Electrical Characteristics 8.1 Electrical Specifications This section provides information on testing modes, electrical connections, absolute maximum ratings, recommended operating conditions, and DC/AC characteristics. All voltage values in Electrical Specifications are with respect to VSS unless otherwise noted. For detailed information on the PCI bus electrical specification refer to Chapter 4 of the PCI Bus Specification, Revision 2.1. 8.2 PC87200 Test Modes The PC87200 can be forced into different test modes. The following table summarizes the test mode selection process. Table 5. Test mode selection Mode Signal Name PCIRST# BALE during reset IRQ3 IRQ4 IRQ5 IRQ6 IRQ7 Reserved x 0 0 1 0 0 1 NAND tree test x 0 x x x x 0 Reserved x 0 1 0 0 0 1 Reserved x 0 1 1 0 0 1 Reserved x 0 1 1 1 0 1 Reserved x 0 0 0 0 1 1 SCAN_MODE = 1, SCAN_ENABLE = 0, x 0 1 0 0 1 1 SCAN_MODE = 1, SCAN_ENABLE = 1, X-BUS_DISABLE = 1 x 0 10111 Note: x = Don’t Care |