データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC3933 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STAC3933
部品情報  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC3933 データシート(HTML) 6 Page - STMicroelectronics

Back Button STAC3933 Datasheet HTML 2Page - STMicroelectronics STAC3933 Datasheet HTML 3Page - STMicroelectronics STAC3933 Datasheet HTML 4Page - STMicroelectronics STAC3933 Datasheet HTML 5Page - STMicroelectronics STAC3933 Datasheet HTML 6Page - STMicroelectronics STAC3933 Datasheet HTML 7Page - STMicroelectronics STAC3933 Datasheet HTML 8Page - STMicroelectronics STAC3933 Datasheet HTML 9Page - STMicroelectronics STAC3933 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STAC3933
6/14
Doc ID 022696 Rev 1
D8
2.25
2.50
12
13
D9
2.25
2.50
13
14
E1
2.50
2.75
5
6
E2
2.50
2.75
6
7
E3
2.50
2.75
7
8
E4
2.50
2.75
8
9
E5
2.50
2.75
9
10
E6
2.50
2.75
10
11
E7
2.50
2.75
11
12
E8
2.50
2.75
12
13
E9
2.50
2.75
13
14
F1
2.75
3.00
5
6
F2
2.75
3.00
6
7
F3
2.75
3.00
7
8
F4
2.75
3.00
8
9
F5
2.75
3.00
9
10
F6
2.75
3.00
10
11
F7
2.75
3.00
11
12
F8
2.75
3.00
12
13
F9
2.75
3.00
13
14
G1
3.00
3.25
5
6
G2
3.00
3.25
6
7
G3
3.00
3.25
7
8
G4
3.00
3.25
8
9
G5
3.00
3.25
9
10
G6
3.00
3.25
10
11
G7
3.00
3.25
11
12
G8
3.00
3.25
12
13
G9
3.00
3.25
13
14
H1
3.25
3.50
5
6
H2
3.25
3.50
6
7
H3
3.25
3.50
7
8
H4
3.25
3.50
8
9
H5
3.25
3.50
9
10
H6
3.25
3.50
10
11
Table 6.
VGS/GFS sorts (continued)
Marking
Vgs(min)
Vgs(max)
Gfs(min)
Gfs(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14