| データシートサーチシステム |
|
4356-RX-434 データシート(PDF) 7 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
4356-RX-434 データシート(HTML) 7 Page - Silicon Laboratories |
|
7 / 26 page ![]() Si4356 Rev 1.2 7 Table 7. Absolute Maximum Ratings Parameter Value Unit VDD to GND –0.3 to +3.6 V Voltage on Digital Control Inputs –0.3 to VDD + 0.3 V Voltage on Analog Inputs –0.3 to VDD + 0.3 V RX Input Power +10 dBm Operating Ambient Temperature Range TA –40 to +85 C Storage Temperature Range TSTG –55 to +125 C Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at or beyond these ratings in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Caution: ESD sensitive device. |