| データシートサーチシステム |
|
AMS001-R データシート(PDF) 23 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
AMS001-R データシート(HTML) 23 Page - Silicon Laboratories |
|
23 / 29 page ![]() AMS00x • Embedded Bluetooth Low Energy Solution Regulatory Certification, Section 7 ADS-MS00x-107R • Preliminary Data Sheet Page | 19 ©2014-2015 ACKme Networks. http://ack.me September 14, 2015 7.5 New Zealand New Zealand radio regulations do not provide a modu- lar approval policy similar to the United States (FCC) and Canada (IC). However, AMS-00x module test re- ports may be used in part to demonstrate compliance with the New Zealand “General User Radio License for Short Range Devices”. New Zealand Radio communica- tions (Radio Standards) Notice 2010 references Austral- ia/New Zealand industry standard AS/NZS-4268:2012. AMS-00x RF transmitter test reports may be used as part of the product certification and compliance folder. For further information regarding the availability of RF test reports, please contact ACKme Networks via our website at http://ack.me/contact. External Antenna Requirements The compliance test reports provided in Table 12 were performed using the AMS-00x on-board antenna. If an external antenna is used with the AMS-00x module, additional testing of the end product is needed to meet New Zealand regulatory requirements. Further Information Additional information may be obtained from the New Zealand Radio Spectrum Ministry of Economic Devel- opment website at http://www.rsm.govt.nz. |