データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD8NF25 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STD8NF25
部品情報  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8NF25 データシート(HTML) 11 Page - STMicroelectronics

Back Button STD8NF25 Datasheet HTML 6Page - STMicroelectronics STD8NF25 Datasheet HTML 7Page - STMicroelectronics STD8NF25 Datasheet HTML 8Page - STMicroelectronics STD8NF25 Datasheet HTML 9Page - STMicroelectronics STD8NF25 Datasheet HTML 10Page - STMicroelectronics STD8NF25 Datasheet HTML 11Page - STMicroelectronics STD8NF25 Datasheet HTML 12Page - STMicroelectronics STD8NF25 Datasheet HTML 13Page - STMicroelectronics STD8NF25 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STD8NF25
Packaging mechanical data
Doc ID 018593 Rev 1
11/14
5
Packaging mechanical data
Table 10.
DPAK (TO-252) tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
6.8
7
A
330
B0
10.4
10.6
B
1.5
B1
12.1
C
12.8
13.2
D
1.5
1.6
D
20.2
D1
1.5
G
16.4
18.4
E1.65
1.85
N
50
F
7.4
7.6
T
22.4
K0
2.55
2.75
P0
3.9
4.1
Base qty.
2500
P1
7.9
8.1
Bulk qty.
2500
P2
1.9
2.1
R40
T0.25
0.35
W15.7
16.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14