データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STIPN2M50T-H データシート(PDF) 16 Page - STMicroelectronics

部品番号 STIPN2M50T-H
部品情報  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50T-H データシート(HTML) 16 Page - STMicroelectronics

Back Button STIPN2M50T-H Datasheet HTML 12Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 13Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 14Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 15Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 16Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 17Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 18Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 19Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Smart shutdown function
STIPN2M50T-H
16/25
DocID028651 Rev 5
Figure 10: Smart shutdown timing waveforms
Please refer to Table 13: "Sense comparator characteristics (VCC = 15 V unless otherwise
specified)" for internal propagation delay time details.
SHUTDOW N CIRCUIT
An approximation of the disable time is given by:
H IN /LIN
H VG/LVG
open-drain gate
(internal)
com p Vref
C P+
PROTECTION
Fast shutdown:
the driver outputs are set to the SD state as soon as the com parator
triggers even if the SD signal hasn’t reached the lowest input threshold
disable tim e
SD /OD
GIPG080920140931FSR
T/SD/OD
V
SMART SD
LOGIC
T/SD/ O D
RPD_SD
C SD
R SD
Vbias
NTC
RON_OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25