データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STL4P2UH7 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STL4P2UH7
部品情報  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4P2UH7 データシート(HTML) 11 Page - STMicroelectronics

Back Button STL4P2UH7 Datasheet HTML 5Page - STMicroelectronics STL4P2UH7 Datasheet HTML 6Page - STMicroelectronics STL4P2UH7 Datasheet HTML 7Page - STMicroelectronics STL4P2UH7 Datasheet HTML 8Page - STMicroelectronics STL4P2UH7 Datasheet HTML 9Page - STMicroelectronics STL4P2UH7 Datasheet HTML 10Page - STMicroelectronics STL4P2UH7 Datasheet HTML 11Page - STMicroelectronics STL4P2UH7 Datasheet HTML 12Page - STMicroelectronics STL4P2UH7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID025028 Rev 3
11/13
STL4P2UH7
Package mechanical data
13
Figure 17. PowerFLAT™ 2 x 2 footprint
Table 8. PowerFLAT™ 2 x 2 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20
b
0.25
0.30
0.35
D
1.90
2.00
2.10
E
1.90
2.00
2.10
D2
0.90
1.00
1.10
E2
0.80
0.90
1.00
e
0.55
0.65
0.75
K
0.15
0.25
0.35
K1
0.20
0.30
0.40
K2
0.25
0.35
0.45
L
0.20
0.25
0.30
L1
0.65
0.75
0.85
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13