データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D1047 データシート(PDF) 8 Page - STMicroelectronics

部品番号 D1047
部品情報  Power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1047 データシート(HTML) 8 Page - STMicroelectronics

Back Button D1047 Datasheet HTML 2Page - STMicroelectronics D1047 Datasheet HTML 3Page - STMicroelectronics D1047 Datasheet HTML 4Page - STMicroelectronics D1047 Datasheet HTML 5Page - STMicroelectronics D1047 Datasheet HTML 6Page - STMicroelectronics D1047 Datasheet HTML 7Page - STMicroelectronics D1047 Datasheet HTML 8Page - STMicroelectronics D1047 Datasheet HTML 9Page - STMicroelectronics D1047 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
2SD1047
8/10
Doc ID 018729 Rev 1
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10