データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2ST31A データシート(PDF) 5 Page - STMicroelectronics

部品番号 2ST31A
部品情報  High switching speed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST31A データシート(HTML) 5 Page - STMicroelectronics

  2ST31A Datasheet HTML 1Page - STMicroelectronics 2ST31A Datasheet HTML 2Page - STMicroelectronics 2ST31A Datasheet HTML 3Page - STMicroelectronics 2ST31A Datasheet HTML 4Page - STMicroelectronics 2ST31A Datasheet HTML 5Page - STMicroelectronics 2ST31A Datasheet HTML 6Page - STMicroelectronics 2ST31A Datasheet HTML 7Page - STMicroelectronics 2ST31A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2ST31A
Package mechanical data
Doc ID 17868 Rev 2
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8