データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2ST1480FP データシート(PDF) 5 Page - STMicroelectronics

部品番号 2ST1480FP
部品情報  High current gain characteristic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST1480FP データシート(HTML) 5 Page - STMicroelectronics

  2ST1480FP Datasheet HTML 1Page - STMicroelectronics 2ST1480FP Datasheet HTML 2Page - STMicroelectronics 2ST1480FP Datasheet HTML 3Page - STMicroelectronics 2ST1480FP Datasheet HTML 4Page - STMicroelectronics 2ST1480FP Datasheet HTML 5Page - STMicroelectronics 2ST1480FP Datasheet HTML 6Page - STMicroelectronics 2ST1480FP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2ST1480FP
Package mechanical data
Doc ID 16856 Rev 1
5/7
Figure 2.
TO-220FP drawing
Table 5.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E
0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7