データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2STC4793 データシート(PDF) 5 Page - STMicroelectronics

部品番号 2STC4793
部品情報  NPN power bipolar transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC4793 データシート(HTML) 5 Page - STMicroelectronics

  2STC4793 Datasheet HTML 1Page - STMicroelectronics 2STC4793 Datasheet HTML 2Page - STMicroelectronics 2STC4793 Datasheet HTML 3Page - STMicroelectronics 2STC4793 Datasheet HTML 4Page - STMicroelectronics 2STC4793 Datasheet HTML 5Page - STMicroelectronics 2STC4793 Datasheet HTML 6Page - STMicroelectronics 2STC4793 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2STC4793
Package mechanical data
Doc ID 15401 Rev 2
5/7
Figure 2.
TO-220FP drawing
Table 5.
TO-220FP mechanical data
Dim.
mm.
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7