| データシートサーチシステム |
|
HVLED001ATR データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED001ATR データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 30 page ![]() DocID029000 Rev 2 13/30 HVLED001A Electrical characteristics 30 TOFF characteristics VTOFF,fix TOFF Minimum fixed TBLANK voltage (4) 2V koff TOFF TOFF characteristic slope (4) 100 µs/V ITOFFpu TOFF Pull-up current 6 12 18 µA VTOFF,bias TOFF Internal bias voltage (4) 2.4 V 1. Parameters in tracking group 1. 2. Calculated during testing procedure as difference between measured ICC and FB source current. 3. Parameter calculated . 4. Parameters not tested in production. 5. Parameters in tracking group 2. 6. The Kp parameter includes the overall tolerances of the multiplier block defined as per note(8). 7. Parameters in tracking group 3. 8. , VHVSU,pk indicates the maximum value of VHVSU. 9. 10. Parameters in tracking group 4. 11. VCTRL,bias/ICTRL,bias . Table 6. Electrical characteristics (continued) Symbol Pin Parameter Test condition Min. Typ. Max. Unit min VCS, OR ref VFB, VFB pk VHVSU, VHVSU VCS kp VTOFF - fix VTOFF, koff TBLANK.var |