データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6221 データシート(PDF) 16 Page - STMicroelectronics

部品番号 L6221
部品情報  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221 データシート(HTML) 16 Page - STMicroelectronics

Back Button L6221 Datasheet HTML 12Page - STMicroelectronics L6221 Datasheet HTML 13Page - STMicroelectronics L6221 Datasheet HTML 14Page - STMicroelectronics L6221 Datasheet HTML 15Page - STMicroelectronics L6221 Datasheet HTML 16Page - STMicroelectronics L6221 Datasheet HTML 17Page - STMicroelectronics L6221 Datasheet HTML 18Page - STMicroelectronics L6221 Datasheet HTML 19Page - STMicroelectronics L6221 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Mounting instructions
16/22
7
Mounting instructions
The Rth j-amb of the E-L6221AS can be reduced by soldering the GND pins to a suitable
copper area of the printed circuit board (
Figure 23) or to an external heat sink (Figure 24).
Figure 23.
Example of PCB copper area used as heat sink
Figure 24.
External heat sink mounting example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22