データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E-L6221AS データシート(PDF) 19 Page - STMicroelectronics

部品番号 E-L6221AS
部品情報  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6221AS データシート(HTML) 19 Page - STMicroelectronics

Back Button E-L6221AS Datasheet HTML 14Page - STMicroelectronics E-L6221AS Datasheet HTML 15Page - STMicroelectronics E-L6221AS Datasheet HTML 16Page - STMicroelectronics E-L6221AS Datasheet HTML 17Page - STMicroelectronics E-L6221AS Datasheet HTML 18Page - STMicroelectronics E-L6221AS Datasheet HTML 19Page - STMicroelectronics E-L6221AS Datasheet HTML 20Page - STMicroelectronics E-L6221AS Datasheet HTML 21Page - STMicroelectronics E-L6221AS Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Package mechanical data
19/22
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
20.0
0.787
E
8.80
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
Powerdip 16
OUTLINE AND
MECHANICAL DATA
Power DIP 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22