| データシートサーチシステム |
|
STCF04 データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF04 データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 43 page ![]() Pin configuration STCF04 8/43 Doc ID 022927 Rev 3 3 Pin configuration Figure 2. Pin connection (top view) Table 2. Pin description Pin Symbol Description A1 VLX1 Inductor connection 1 E1 VLX2 Inductor connection 2 D5 RX RX resistor connection D1 VOUT SuperCap connection C1 VMID SuperCap middle pin connection E5 NTC NTC resistor connection A3 READY SuperCap status flag pin B3 SCL I²C clock signal A4 FLASH Flash trigger input E2 AGND Signal ground B5 TORCH Torch trigger input B4 RESET External reset input D4 ISENS Flash regulator sensing connection C3 ADD I²C address selection E4 LED Diode module cathode connection C4 ATN Attention (open drain output, active LOW) B1 PVBAT Supply voltage A5 SDA I²C data E3 AUXLED Auxiliary red LED connection B2 LSCON Light sensor capacitor connection D3 VBAT Signal supply voltage A2 LSIN Light sensor input C5 DRIVE MOSFET driver output C2, D2 PGND Power ground + die back connection |