データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCF05 データシート(PDF) 30 Page - STMicroelectronics

部品番号 STCF05
部品情報  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05 データシート(HTML) 30 Page - STMicroelectronics

Back Button STCF05 Datasheet HTML 25Page - STMicroelectronics STCF05 Datasheet HTML 26Page - STMicroelectronics STCF05 Datasheet HTML 27Page - STMicroelectronics STCF05 Datasheet HTML 28Page - STMicroelectronics STCF05 Datasheet HTML 29Page - STMicroelectronics STCF05 Datasheet HTML 30Page - STMicroelectronics STCF05 Datasheet HTML 31Page - STMicroelectronics STCF05 Datasheet HTML 32Page - STMicroelectronics STCF05 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package mechanical data
STCF05
30/33
Doc ID 15257 Rev 4
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.0
1.1
1.16
39.4
43.3
45.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
0.300.35
9.8
11.8
13.8
D2.93.0
3.1
114.2
118.1
122.0
D1
2
78.8
E2.93.0
3.1
114.2
118.1
122.0
E1
2
78.8
e0.5
19.7
SE
0.25
9.8
TFBGA25 mechanical data
7539979/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33