データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC97338VLJ データシート(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 PC97338VLJ
部品情報  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ データシート(HTML) 30 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 221 page
background image
30
www.national.com
PD
45
43
O
Group 10
Power Down. This pin is used for the FDC Power-Down (PD)
output signal when bit 4 of PMC is 1. It is used for DR1 when bit 4
of PMC is 0. PD is active high whenever the FDC is put into a
power-down state by bit 6 of DSR (or bit 3 of FER, or bit 0 of PTR),
or by the MODE command.
PD is multiplexed with DR1.
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
94
93
92
91
89
88
87
86
92
91
90
89
87
86
85
84
I/O
Group 1
and
Group 11
Parallel- Port Data signals 0 through 7. These bidirectional pins
transfer data to and from the peripheral data bus and the parallel
port Data Register. These pins have high current drive capability.
See “Device Description” on page -197.
PD7-0 are multiplexed with INDEX, TRK0, WP, RDATA, DSKCHG,
MSEN0, DRATE0 and MSEN1, respectively. See Table 72 for more
information.
PE
83
81
I
Group 2
Paper End. This parallel port input signal is set high by the external
printer when it is out of paper.
This pin is internally grounded by a nominal 25 K
Ω pull-down
resistor.
PE is multiplexed with WDATA. See Table 72 for more information.
PNF
49
47
I
Group 1
Printer Not Floppy. PNF is the Printer Not Floppy signal. It selects
the device which is connected to the PPM pins.
When a parallel printer is connected, PNF must be set to 1, and
when a floppy disk drive is connected, PNF must be set to 0. This
pin is configured as PNF when bits 7 and 6 of SIRQ3 are 10.
PNF is multiplexed with DRV2, DR23, SIRQI3 and IRSL2.
RD
19
17
I
Group 1
Read. Active low input signal to indicate a data read by the
microprocessor.
RDATA
(Normal
Mode)
35
33
I
Group 4
Read Data. This input signal is the raw serial data read from the
floppy disk drive.
(PPM
Mode)
91
89
I
Group 4
Read Data. This pin provides an additional read data signal in PPM
mode when PNF = 0.
RDATA is multiplexed with PD3. See Table 72 for more information.
RI1
RI2
70
62
68
60
I
Group 1
Ring Indicators 1 and 2. When low, these UART signals indicates
that a telephone ring signal has been received by the appropriate
modem.
The RI signal is a modem status input signal whose condition can
be tested by reading bit 6 (RI) of the Modem Status Register (MSR)
for the appropriate serial channel. Bit 6 is the complement of the RI
signal. Bit 2 (TERI) of the MSR indicates whether the RI input
signal has changed from low to high since the previous reading of
the MSR.
When the TERI bit of MSR is set to 1, an interrupt is generated if
modem status interrupts are enabled.
RI2 is multiplexed with A11. When RI2 is not selected, it is masked
to 1.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More