データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD878T4 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STD878T4
部品情報  High current, high performance, low voltage NPN transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD878T4 データシート(HTML) 7 Page - STMicroelectronics

Back Button STD878T4 Datasheet HTML 2Page - STMicroelectronics STD878T4 Datasheet HTML 3Page - STMicroelectronics STD878T4 Datasheet HTML 4Page - STMicroelectronics STD878T4 Datasheet HTML 5Page - STMicroelectronics STD878T4 Datasheet HTML 6Page - STMicroelectronics STD878T4 Datasheet HTML 7Page - STMicroelectronics STD878T4 Datasheet HTML 8Page - STMicroelectronics STD878T4 Datasheet HTML 9Page - STMicroelectronics STD878T4 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STD878, STN878
Package mechanical data
Doc ID 13836 Rev 2
7/10
Dim.
mm.
Min.
Typ.
Max.
A
1.80
A1
0.02
0.1
B
0.60
0.70
0.85
B1
2.90
3.00
3.15
c
0.24
0.26
0.35
D6.30
6.50
6.70
e2.30
e1
4.60
E
3.30
3.50
3.70
H
6.70
7.00
7.30
V
10 o
SOT-223 mechanical data
0046067_M
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10