データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGP19NC60SD データシート(PDF) 1 Page - STMicroelectronics

部品番号 STGP19NC60SD
部品情報  20 A, 600 V fast IGBT with Ultrafast diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60SD データシート(HTML) 1 Page - STMicroelectronics

  STGP19NC60SD Datasheet HTML 1Page - STMicroelectronics STGP19NC60SD Datasheet HTML 2Page - STMicroelectronics STGP19NC60SD Datasheet HTML 3Page - STMicroelectronics STGP19NC60SD Datasheet HTML 4Page - STMicroelectronics STGP19NC60SD Datasheet HTML 5Page - STMicroelectronics STGP19NC60SD Datasheet HTML 6Page - STMicroelectronics STGP19NC60SD Datasheet HTML 7Page - STMicroelectronics STGP19NC60SD Datasheet HTML 8Page - STMicroelectronics STGP19NC60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2010
Doc ID 13689 Rev 4
1/15
15
STGF19NC60SD
STGP19NC60SD
20 A, 600 V fast IGBT with Ultrafast diode
Features
■ Very low on-voltage drop (VCE(sat))
■ Minimum power losses at 5 kHz in hard
switching
■ Optimized performance for medium operating
frequencies.
■ IGBT co-packaged with Ultrafast freewheeling
diode
Application
Medium frequency motor drives
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
Figure 1.
Internal schematic diagram
TO-220
1
2
3
TAB
1
2
3
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGF19NC60SD
GF19NC60SD
TO-220FP
Tube
STGP19NC60SD
GP19NC60SD
TO-220
Tube
www.st.com


同様の部品番号 - STGP19NC60SD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGP19NC60S STMICROELECTRONICS-STGP19NC60S Datasheet
289Kb / 14P
N-channel 600V - 20A - TO-220 Medium frequency PowerMESH IGBT
18-Sep-2007
STGP19NC60S STMICROELECTRONICS-STGP19NC60S Datasheet
423Kb / 15P
20 A, 600 V fast IGBT
08-Nov-2010
More results

同様の説明 - STGP19NC60SD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
31 A, 600 V, very fast IGBT with Ultrafast diode
14-Sep-2011
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
17 A, 600 V fast IGBT with Ultrafast diode
14-Nov-2012
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
20 A, 600 V fast IGBT
08-Nov-2010
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
35 A, 600 V ultrafast IGBT with low drop diode
25-Aug-2011
logo
Sanken electric
MGD622 SANKEN-MGD622 Datasheet
362Kb / 13P
VCE = 600 V, IC = 20 A Trench IGBT with Fast Recovery Diode
logo
STMicroelectronics
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com