| データシートサーチシステム |
|
STGW80H65DFB-4 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGW80H65DFB-4 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 16 page ![]() STGW80H65DFB-4 Package information DocID028076 Rev 3 13/16 4 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 4.1 TO247-4 package information Figure 32: TO247-4 package outline |