データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGW80V60DF データシート(PDF) 14 Page - STMicroelectronics

部品番号 STGW80V60DF
部品情報  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80V60DF データシート(HTML) 14 Page - STMicroelectronics

Back Button STGW80V60DF Datasheet HTML 10Page - STMicroelectronics STGW80V60DF Datasheet HTML 11Page - STMicroelectronics STGW80V60DF Datasheet HTML 12Page - STMicroelectronics STGW80V60DF Datasheet HTML 13Page - STMicroelectronics STGW80V60DF Datasheet HTML 14Page - STMicroelectronics STGW80V60DF Datasheet HTML 15Page - STMicroelectronics STGW80V60DF Datasheet HTML 16Page - STMicroelectronics STGW80V60DF Datasheet HTML 17Page - STMicroelectronics STGW80V60DF Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
STGW80V60DF, STGWT80V60DF
14/18
DocID024362 Rev 2
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
∅P
3.55
3.65
∅R
4.50
5.50
S
5.30
5.50
5.70
Table 8. TO-247 mechanical data
Dim.
mm.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18