データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC1020-RTR1 データシート(PDF) 65 Page - Texas Instruments

部品番号 CC1020-RTR1
部品情報  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 データシート(HTML) 65 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments CC1020-RTR1 Datasheet HTML 67Page - Texas Instruments CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments CC1020-RTR1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
Table 5-20. RESET Register (02h)(1)(2)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
RESET[7]
ADC_RESET_N
0
L
Reset ADC control logic
RESET[6]
AGC_RESET_N
0
L
Reset AGC (VGA control) logic
RESET[5]
GAUSS_RESET_N
0
L
Reset Gaussian data filter
RESET[4]
AFC_RESET_N
0
L
Reset AFC / FSK decision level logic
RESET[3]
BITSYNC_RESET_N
0
L
Reset modulator, bit synchronization logic and PN9 PRBS generator
RESET[2]
SYNTH_RESET_N
0
L
Reset digital part of frequency synthesizer
RESET[1]
SEQ_RESET_N
0
L
Reset power-up sequencing logic
RESET[0]
CAL_LOCK_RESET_N
0
L
Reset calibration logic and lock detector
(1)
For reset of CC1020 write RESET_N=0 in the MAIN register. The reset register should not be used during normal operation.
(2)
Bits in the RESET register are self-clearing (will be set to 1 when the reset operation starts). Relevant digital clocks must be running for
the resetting to complete. After writing to the RESET register, the user should verify that all reset operations have been completed, by
reading the RESET_DONE status register (41h) until all bits equal 1.
Table 5-21. SEQUENCING Register (03h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
SEQUENCING[7]
SEQ_PSEL
1
H
Use PSEL pin to start sequencing
0: PSEL pin does not start sequencing. Negative transitions on
DIO starts power-up sequencing if SEP_DI_DO=1.
1: Negative transitions on the PSEL pin will start power-up
sequencing
SEQUENCING[6:4]
RX_WAIT[2:0]
0
—
Waiting time from PLL enters lock until RX power up
0: Wait for approx. 32 ADC_CLK periods (26
μs)
1: Wait for approx. 44 ADC_CLK periods (36
μs)
2: Wait for approx. 64 ADC_CLK periods (52
μs)
3: Wait for approx. 88 ADC_CLK periods (72
μs)
4: Wait for approx. 128 ADC_CLK periods (104
μs)
5: Wait for approx. 176 ADC_CLK periods (143
μs)
6: Wait for approx. 256 ADC_CLK periods (208
μs)
7: No additional waiting time before RX power up
SEQUENCING[3:0]
CS_WAIT[3:0]
10
—
Waiting time for carrier sense from RX power up
0: Wait 20 FILTER_CLK periods before power down 1: Wait 22
FILTER_CLK periods before power down
2:
Wait
24
FILTER_CLK
periods
before
power
down
3: Wait 26 FILTER_CLK periods before power down
4: Wait 28 FILTER_CLK periods before power down
5: Wait 30 FILTER_CLK periods before power down
6: Wait 32 FILTER_CLK periods before power down
7: Wait 36 FILTER_CLK periods before power down
8: Wait 40 FILTER_CLK periods before power down
9: Wait 44 FILTER_CLK periods before power down
10: Wait 48 FILTER_CLK periods before power down
11: Wait 52 FILTER_CLK periods before power down
12: Wait 56 FILTER_CLK periods before power down
13: Wait 60 FILTER_CLK periods before power down
14: Wait 64 FILTER_CLK periods before power down
15: Wait 72 FILTER_CLK periods before power down
Table 5-22. FREQ_2A Register (04h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
FREQ_2A[7:0]
FREQ_A[22:15]
131
—
8 MSB of frequency control word A
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
65
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com