| データシートサーチシステム |
|
TNETV2665FIBZWTA6 データシート(PDF) 48 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2665FIBZWTA6 データシート(HTML) 48 Page - Texas Instruments |
|
48 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com Table 2-16. EMAC (MII/RMII) and MDIO Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO. RMRXD1/EM_CS5/ IPD F19 J22 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC receive data pin 1 GP[33] DVDD33 (RMRXD1) [I]. This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO. RMRXD0/EM_CS4/ IPD E19 H22 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC receive data pin 0 GP[32] DVDD33 (RMRXD0) [I]. MDIO This pin is multiplexed between HPI, MDIO, PCI, and GPIO. HCS/MDCLK/ IPU C1 D1 I/O/Z In Ethernet MAC mode, it is Management Data Clock output AD5/GP[81] DVDD33 MDCLK. HAS/MDIO/ IPU This pin is multiplexed between HPI, MDIO, PCI, and GPIO. D1 C1 I/O/Z AD3/GP[83] DVDD33 In Ethernet MAC mode, it is Management Data IO MDIO [I/O/Z]. 48 Device Overview Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |