データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETV2665FIDZWT4 データシート(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
部品番号 TNETV2665FIDZWT4
部品情報  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIDZWT4 データシート(HTML) 46 Page - Texas Instruments

Back Button TNETV2665FIDZWT4 Datasheet HTML 42Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 43Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 44Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 45Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 46Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 47Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 48Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 49Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-15. Peripheral Component Interconnect (PCI) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
HCNTL0/MRXER/
IPD
B3
B2
I/O/Z
AD10/GP[76]
DVDD33
HDS2/MRXD0/
IPU
C3
C2
I/O/Z
AD9/GP[78]
DVDD33
HR/W/MRXCLK/
IPD
A3
A3
I/O/Z
AD8/GP[77]
DVDD33
HDS1/MRXD1/
IPU
B2
B3
I/O/Z
AD7/GP[79]
DVDD33
HINT/MRXD3/
IPU
C2
D2
I/O/Z
AD6/GP[82]
DVDD33
These pins are multiplexed between PCI, EMIFA, HPI, VLYNQ,
HCS/MDCLK/
IPU
C1
D1
I/O/Z
EMAC (MII), and GPIO.
AD5/GP[81]
DVDD33
For PCI, these pins are PCI data-address bus [31:0] (I/O/Z)
IPD
AD4/GP[3]
E4
F2
I/O/Z
DVDD33
HAS/MDIO/
IPU
D1
C1
I/O/Z
AD3/GP[83]
DVDD33
IPD
AD2/GP[2]
E3
F1
I/O/Z
DVDD33
IPD
AD1/GP[1]
E2
E2
I/O/Z
DVDD33
IPD
AD0/GP[0]
E1
E1
I/O/Z
DVDD33
46
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More