| データシートサーチシステム |
|
L99MM70XP データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MM70XP データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 68 page ![]() L99MM70XP Description Doc ID 022637 Rev 2 15/68 3.4 Functional overview (truth table) Table 4. Functional overview (truth table) Function Comments Operating modes Active mode VCC-standby static mode VBAT-standby static mode Voltage regulator, VCC VOUT =5 V On On(1) 1. Supply the processor in low current mode. Off NRES On On Off Window watchdog VCC monitor On Off (ON if ICC > ICMP and ICMP =0) Off LIN LIN 2.1 On Off(2) 2. The bus state is internally stored when going to standby mode. A change of bus state leads to a wake-up after exceeding of internal filter time. Off(2) |