データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETV2665ZWT6 データシート(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
部品番号 TNETV2665ZWT6
部品情報  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665ZWT6 データシート(HTML) 48 Page - Texas Instruments

Back Button TNETV2665ZWT6 Datasheet HTML 44Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 45Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 46Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 47Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 48Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 49Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 50Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 51Page - Texas Instruments TNETV2665ZWT6 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-16. EMAC (MII/RMII) and MDIO Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO.
RMRXD1/EM_CS5/
IPD
F19
J22
I/O/Z
In Ethernet MAC (RMII) mode, it is EMAC receive data pin 1
GP[33]
DVDD33
(RMRXD1) [I].
This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO.
RMRXD0/EM_CS4/
IPD
E19
H22
I/O/Z
In Ethernet MAC (RMII) mode, it is EMAC receive data pin 0
GP[32]
DVDD33
(RMRXD0) [I].
MDIO
This pin is multiplexed between HPI, MDIO, PCI, and GPIO.
HCS/MDCLK/
IPU
C1
D1
I/O/Z
In Ethernet MAC mode, it is Management Data Clock output
AD5/GP[81]
DVDD33
MDCLK.
HAS/MDIO/
IPU
This pin is multiplexed between HPI, MDIO, PCI, and GPIO.
D1
C1
I/O/Z
AD3/GP[83]
DVDD33
In Ethernet MAC mode, it is Management Data IO MDIO [I/O/Z].
48
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More