データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LNBH29 データシート(PDF) 27 Page - STMicroelectronics

部品番号 LNBH29
部品情報  LNB supply and control IC with step-up and I²C interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH29 データシート(HTML) 27 Page - STMicroelectronics

Back Button LNBH29 Datasheet HTML 23Page - STMicroelectronics LNBH29 Datasheet HTML 24Page - STMicroelectronics LNBH29 Datasheet HTML 25Page - STMicroelectronics LNBH29 Datasheet HTML 26Page - STMicroelectronics LNBH29 Datasheet HTML 27Page - STMicroelectronics LNBH29 Datasheet HTML 28Page - STMicroelectronics LNBH29 Datasheet HTML 29Page - STMicroelectronics LNBH29 Datasheet HTML 30Page - STMicroelectronics LNBH29 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
DocID023065 Rev 3
27/31
LNBH29
Package mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.8983.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (4x4) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31