データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLED325 データシート(PDF) 23 Page - STMicroelectronics

部品番号 STLED325
部品情報  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 データシート(HTML) 23 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics STLED325 Datasheet HTML 21Page - STMicroelectronics STLED325 Datasheet HTML 22Page - STMicroelectronics STLED325 Datasheet HTML 23Page - STMicroelectronics STLED325 Datasheet HTML 24Page - STMicroelectronics STLED325 Datasheet HTML 25Page - STMicroelectronics STLED325 Datasheet HTML 26Page - STMicroelectronics STLED325 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
STLED325
Functional description
Doc ID 17576 Rev 1
23/62
3.11.6
Initial power-on defaults
Upon application of power to the device, the register bits in the RTC initially power-on in the
state indicated in table below.
Initial power-on defaults value of the RTC registers.
Note:
All other control bits power-up in a default state of 0 unless otherwise specified.
Table 5.
Initial power-on defaults
OSC_ST
AFE
WDFEn
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62