データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM632X データシート(PDF) 12 Page - STMicroelectronics

部品番号 STM632X
部品情報  5-pin supervisor with watchdog timer and push-button reset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM632X データシート(HTML) 12 Page - STMicroelectronics

Back Button STM632X Datasheet HTML 8Page - STMicroelectronics STM632X Datasheet HTML 9Page - STMicroelectronics STM632X Datasheet HTML 10Page - STMicroelectronics STM632X Datasheet HTML 11Page - STMicroelectronics STM632X Datasheet HTML 12Page - STMicroelectronics STM632X Datasheet HTML 13Page - STMicroelectronics STM632X Datasheet HTML 14Page - STMicroelectronics STM632X Datasheet HTML 15Page - STMicroelectronics STM632X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Operation
STM632x, STM682x
12/31
DocID11110 Rev 13
Figure 12. Ensuring RST valid to VCC = 0, (active low push-pull outputs)
Figure 13. Ensuring RST valid to VCC = 0, (active high, push-pull outputs)
1. This configuration does not work on open drain outputs of the STM6321/6322/6822.
2.6
Interfacing to microprocessors with bidirectional reset pins
Microprocessors with bidirectional reset pins can contend with the STM6321 / 6322 / 6821 /
6822 / 6823 / 6824 / 6825 reset output. For example, if the reset output is driven high and the
microprocessor wants to pull it low, signal contention will result. To prevent this from
occurring, connect a 4.7 k
Ω resistor between the reset output and the microprocessor’s
reset I/O as in Figure 14.
Figure 14. Interfacing to microprocessors with bidirectional reset I/O
AI09138
STM6XXX
RST
GND
VCC
VCC
R1
AI09139
STM6XXX
RST
GND
VCC
VCC
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31